model 6754 bnc ( f /m/f) ada p ter, in-line, 75 ? model 6754 bnc (f/m/f) adapte r , in-line 7 5 ? use 75 ? pomona bnc in-line adapters for your broadcast applications features ? all conne cto r s and a dapte r s are 7 5 ? for broad ca st appli c ation s . ? made from p r eci s ion ma chi ned hig h qual ity brass. ? ins u lation material is high dens i ty ptfe ( not delrin ). materials ? body is pre c i s ion ma chi n e d bra ss with tarni s h resi stant ni ckel plating. ? male ce nter p i n conta c ts a r e gold-plated bra ss (20 micr o-in ch es ) . ? female cente r conta c t s are gold-pl ated h eat treated be rylli um cop p e r . ? high q uality machi ned pt fe dielectri c . ordering information model: 675 4 specifications nomin a l impe dan ce 75 ? freq uen c y 0 - 3 g h z vswr 1.10 max. 0-1 ghz 1.35 max. 1-3 ghz cente r co nta c t resi st an ce 1.5 m ? insulatio n re sistan ce 5000 m ? numb er of in sertio ns 500 ratings: voltage: 500 vrms operating temperature: -85 ? f to +3 29 ? f (-65 ? c to +165 ? c) max. cop y right ? 200 4 11/2004 24 16399 d-e n g-n rev a page 1 of 1 us a : sales: 8 00-490 -2361 te chnical support: 800-241 - 2060 fa x: 88 8- 403-3360 europe : 31- (0) 4 0 2675 150 int e rnati onal : 4 25- 446-5500 e-mail : technicalsupport@pom on atest.com where to bu y : www.pomo naele c tronics.com all dim ensions are in inches. toleranc es (except noted): .xx = .02 ? ( , 51 mm), .xxx = .005? ( , 127 mm) . all speci f icat ions ar e to the latest r e visions . specifications ar e subjec t to change without notice . registered tra d e m a rks are the p r ope rty of their respective com p a n ies.
|